Part Number Hot Search : 
B3874 A8041 AOTF8N50 1800A BT440 LC74793 32F10 MC10E
Product Description
Full Text Search
 

To Download WP59SRSGCCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59SRSGC/CC
SUPER BRIGHT RED SUPER BRIGHT GREEN
Features
UNIFORM LIGHT OUTPUT. LOW POWER CONSUMPTION. 3 LEADS WITH ONE COMMON LEAD. I.C. COMPATIBLE. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2653 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: W.J.ZHU
PAGE: 1 OF 4 ERP:1101005913
Selection Guide
Part No. Dice Lens Type Iv (mcd) @ 20mA Min. SUPER BRIGHT RED (GaAlAs) WP59SRSGC/CC SUPER BRIGHT GREEN (GaP)
Note: 1.1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Viewing Angle 2 1/2 24
Typ. 600 200
280 WATER CLEAR 70
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green Super Bright Red Super Bright Green All Typ. 660 565 640 568 20 30 45 15 1.85 2.2 2.5 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Red 100 30 155 5
Super Bright Green 105 25 140
Units mW mA mA V
-40C To +85C 260C For 3 Seconds 260C For 5 Seconds
SPEC NO: DSAF2653 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: W.J.ZHU
PAGE: 2 OF 4 ERP:1101005913
Super Bright Red /Super Bright Green
WP59SRSGC/CC
SPEC NO: DSAF2653 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: W.J.ZHU
PAGE: 3 OF 4 ERP:1101005913
PACKING & LABEL SPECIFICATIONS
WP59SRSGC/CC
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAF2653 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: APR/19/2005 DRAWN: W.J.ZHU
PAGE: 4 OF 4 ERP:1101005913


▲Up To Search▲   

 
Price & Availability of WP59SRSGCCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X